Part Number Hot Search : 
SDX05D4 13000 Z2180 SK9124 DD1555 MBRF1090 ICS95 0BB45M3T
Product Description
Full Text Search
 

To Download 12516HS-20A00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.25mm (0.049") PITCH CONNECTOR
FPC/FFC Connector Housing
DIP, ZIF(Vertical Through Hole) Straight
12516HS Series
Material
I/NO 1 2 3 DESCRIPTION HOUSING ACTUATOR TERMINAL TITLE 12516HS 12516AS 12516TS MATERIAL PBT, UL 94V Grade PBT, UL 94V Grade Phosphor Bronze & Tin plated
Available Pin
12516HS- 04A00 12516HS- 05A00 12516HS- 06A00 12516HS- 07A00 12516HS- 08A00 12516HS- 09A00 12516HS- 10A00 12516HS- 11A00 12516HS- 12A00 12516HS- 13A00 12516HS- 14A00 12516HS- 15A00 12516HS- 16A00 12516HS- 17A00 12516HS- 18A00 12516HS- 19A00 12516HS- 20A00 12516HS- 21A00 12516HS- 22A00 12516HS- 23A00 12516HS- 24A00 12516HS- 25A00 12516HS- 26A00 12516HS- 27A00 12516HS- 28A00 12516HS- 29A00 12516HS- 30A00
PARTS NO.
A
1.25 (PITCH) C B
12.75 14.00 15.25 16.50 17.75 19.00 20.25 21.50 22.75 24.00 25.25 26.50 27.75 29.00 30.25 31.50 32.75 34.00 35.25 36.50 37.75 39.00 40.25 41.50 42.75 44.00 45.25
A
6.35 7.60 8.85 10.10 11.35 12.60 13.85 15.10 16.35 17.60 18.85 20.10 21.35 22.60 23.85 25.10 26.35 27.60 28.85 30.10 31.35 32.60 33.85 35.10 36.35 37.60 38.85
B
3.75 5.00 6.25 7.50 8.75 10.0 11.25 12.5 13.75 15.0 16.25 17.5 18.75 20.0 21.25 22.5 23.75 25.0 26.25 27.5 28.75 30.0 31.25 32.5 33.75 35.0 36.25
C
YH
5.0
A
Specification
Voltage Rating Current Rating Operating Temperature Contact Resistance Withstanding Voltage Insulation Resistance Applicable Wire Applicable P.C.B Applicable FPC/FFC Solder Height Crimp Tensile Strength UL FILE NO
11.2 (5.65)
ITEM
AC/DC 250V AC/DC 1A -25E~+85E
SPEC
0.50
2.0 (1.28)
30m MAX AC500V/1min 500M MIN 1.2 ~ 1.6mm 0.300.05mm -
C0.05 1.25
0.05
3.0
0.6 11.2 SUPPORT PLATE 3.5 5.4 1.250.05 0.80.05 C 0.380.02
2.00.05
0.8 BASE PIN O0.9
PC
PC
T
Actuator Open
Actuator Close
PCB LAYOUT
PCB ASS'Y
T
8.6
APPLICABLE FFC/FPC


▲Up To Search▲   

 
Price & Availability of 12516HS-20A00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X